Part Number Hot Search : 
1N473 ASTMB545 LR3715Z 8F042 P0603 PBL38582 GP509 EPG4001S
Product Description
Full Text Search
 

To Download 74HC244D-652 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74hc244; 74hct244 is an 8-bit buffer/lin e driver with 3-state outputs. the device can be used as two 4-bit buffers or one 8-bit buffer. the device features two output enables (1oe and 2oe ), each controlling four of the 3-state outputs. a high on noe causes the outputs to assume a high-impedanc e off-state. inputs include clamp diodes that enable the use of current limiting resistors to interface inputs to voltages in excess of v cc . 2. features and benefits ? input levels: ? for 74hc244: cmos level ? for 74hct244: ttl level ? octal bus interface ? non-inverting 3-state outputs ? complies with jedec standard no. 7 a ? esd protection: ? hbm jesd22-a114f exceeds 2000 v ? mm jesd22-a115-a exceeds 200 v ? multiple package options ? specified from ? 40 ? cto +85 ? c and ? 40 ? cto +125 ? c 3. ordering information 74hc244; 74hct244 octal buffer/line driver; 3-state rev. 4 ? 24 september 2012 product data sheet table 1. ordering information type number package temperature range name description version 74hc244n ? 40 ? cto+125 ? c dip20 plastic dual in-line package; 20 leads (300 mil) sot146-1 74hct244n 74hc244d ? 40 ? cto+125 ? c so20 plastic small outline package; 20 leads; body width 7.5 mm sot163-1 74hct244d 74hc244db ? 40 ? cto+125 ? c ssop20 plastic shrink sma ll outline package; 20 leads; body width 5.3 mm sot339-1 74hct244db 74hc244pw ? 40 ? cto+125 ? c tssop20 plastic thin shrink small outline package; 20 leads; body width 4.4 mm sot360-1 74hct244pw 74hc244bq ? 40 ? c to +125 ? c dhvqfn20 plastic dual-in-line compatible thermal enhanced very thin quad flat package; no leads; 20 terminals; body 2.5 ? 4.5 ? 0.85 mm sot764-1 74hct244bq
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 2 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state 4. functional diagram fig 1. functional diagram mna875 1a3 1a2 1a1 1a0 2 4 6 8 1 1y0 1y1 18 16 14 12 1y2 1y3 1oe 2a3 2a2 2a1 2a0 17 15 13 11 19 2y0 2y1 3 5 7 9 2y2 2y3 2oe fig 2. logic symbol fig 3. iec logic symbol mna874 8 6 4 2 1a0 1a1 1a2 1a3 1oe 18 16 1y0 1y1 1y2 1y3 14 12 1 11 13 15 17 2a0 2a1 2a2 2a3 2oe 3 5 2y0 2y1 2y2 2y3 7 9 19 12 14 2 4 6 8 18 16 1 en mna873 3 5 11 13 15 17 9 7 19 en
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 3 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state 5. pinning information 5.1 pinning 5.2 pin description (1) this is not a supply pin. the substrate is attached to this pad using conductive die atta ch material. there is no electrical or mechanical requi rement to solder this pad. however, if it is soldered, the solder land should remain floating or be connected to gnd. fig 4. pin configuration dip20, so20, (t )ssop20 fig 5. pin configuration dhvqfn20 74hc244 74hct244 1oe v cc 1a0 2oe 2y0 1y0 1a1 2a0 2y1 1y1 1a2 2a1 2y2 1y2 1a3 2a2 2y3 1y3 gnd 2a3 001aae011 1 2 3 4 5 6 7 8 9 10 12 11 14 13 16 15 18 17 20 19 001aae012 74hc244 74hct244 transparent top view 1y3 1a3 2y3 2a2 2y2 1y2 1a2 2a1 2y1 1y1 1a1 2a0 2y0 1y0 1a0 2oe gnd 2a3 1oe v cc 9 12 8 13 7 14 6 15 5 16 4 17 3 18 2 19 10 11 1 20 terminal 1 index area gnd (1) table 2. pin description symbol pin description 1oe , 2oe 1, 19 output enable input (active low) 1a0, 1a1, 1a2, 1a3 2, 4, 6, 8 data input 2y0, 2y1, 2y2, 2y3 3, 5, 7, 9 bus output gnd 10 ground (0 v) 2a0, 2a1, 2a2, 2a3 17, 15, 13, 11 data input 1y0, 1y1, 1y2, 1y3 18, 16, 14, 12 bus output v cc 20 supply voltage
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 4 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state 6. functional description [1] h = high voltage level; l = low voltage level; x = don?t care; z = high-impedance off-state. 7. limiting values [1] for dip20 package: p tot derates linearly with 12 mw/k above 70 ? c. [2] for so20 packages: p tot derates linearly with 8 mw/k above 70 ? c. for ssop20 and tssop20 packages: p tot derates linearly with 5.5 mw/k above 60 ? c. for dhvqfn20 packages: above 60 ? c, p tot derates linearly with 4.5 mw/k. 8. recommended operating conditions table 3. function table [1] input output noe nan nyn lll lhh hxz table 4. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +7 v i ik input clamping current v i < ? 0.5 v or v i >v cc +0.5 v - ? 20 ma i ok output clamping current v o < ? 0.5 v or v o >v cc +0.5v - ? 20 ma i o output current ? 0.5 v < v o < v cc +0.5v - ? 35 ma i cc supply current - 70 ma i gnd ground current ? 70 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation dip20 package [1] - 750 mw so20, ssop20, tssop20 and dhvqfn20 packages [2] - 500 mw table 5. recommended operating conditions symbol parameter conditions min typ max unit 74hc244 v cc supply voltage 2.0 5.0 6.0 v v i input voltage 0 - v cc v v o output voltage 0 - v cc v ? t/ ? v input transition rise and fall rate v cc = 2.0 v - - 625 ns/v v cc = 4.5 v - 1.67 139 ns/v v cc = 6.0 v - - 83 ns/v t amb ambient temperature ? 40 - +125 ?c
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 5 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state 9. static characteristics 74hct244 v cc supply voltage 4.5 5.0 5.5 v v i input voltage 0 - v cc v v o output voltage 0 - v cc v ? t/ ? v input transition rise and fall rate v cc = 4.5 v - 1.67 139 ns/v t amb ambient temperature ? 40 - +125 ?c table 5. recommended operating conditions ?continued symbol parameter conditions min typ max unit table 6. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 ?c ? 40 ?c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max min max 74hc244 v ih high-level input voltage v cc = 2.0 v 1.5 1.2 - 1.5 - 1.5 - v v cc = 4.5 v 3.15 2.4 - 3.15 - 3.15 - v v cc = 6.0 v 4.2 3.2 - 4.2 - 4.2 - v v il low-level input voltage v cc = 2.0 v - 0.8 0.5 - 0.5 - 0.5 v v cc = 4.5 v - 2.1 1.35 - 1.35 - 1.35 v v cc = 6.0 v - 2.8 1.8 - 1.8 - 1.8 v v oh high-level output voltage v i =v ih or v il i o = ? 20 ? a; v cc = 2.0 v 1.9 2.0 - 1.9 - 1.9 - v i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - 4.4 - v i o = ? 20 ? a; v cc = 6.0 v 5.9 6.0 - 5.9 - 5.9 - v i o = ? 6.0 ma; v cc = 4.5 v 3.98 4.32 - 3.84 - 3.7 - v i o = ? 7.8 ma; v cc = 6.0 v 5.48 5.81 - 5.34 - 5.2 - v v ol low-level output voltage v i =v ih or v il i o =20 ? a; v cc = 2.0 v - 0 0.1 - 0.1 - 0.1 v i o =20 ? a; v cc = 4.5 v - 0 0.1 - 0.1 - 0.1 v i o =20 ? a; v cc = 6.0 v - 0 0.1 - 0.1 - 0.1 v i o =6.0ma; v cc = 4.5 v - 0.15 0.26 - 0.33 - 0.4 v i o =7.8ma; v cc = 6.0 v - 0.16 0.26 - 0.33 - 0.4 v i i input leakage current v i =v cc or gnd; v cc =6.0v -- ? 0.1 - ? 1.0 - ? 1.0 ? a i oz off-state output current per input pin; v i =v ih or v il ; v o =v cc or gnd; other inputs at v cc or gnd; v cc =6.0v; i o =0a -- ? 0.5 - ? 5.0 - ? 10 ? a i cc supply current v i =v cc or gnd; i o =0a; v cc =6.0v - - 8.0 - 80 - 160 ? a c i input capacitance -3.5 - - - - - pf
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 6 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state 10. dynamic characteristics 74hct244 v ih high-level input voltage v cc = 4.5 v to 5.5 v 2.0 1.6 - 2.0 - 2.0 - v v il low-level input voltage v cc = 4.5 v to 5.5 v - 1.2 0.8 - 0.8 - 0.8 v v oh high-level output voltage v i =v ih or v il ; v cc =4.5v i o = ? 20 ? a 4.4 4.5 - 4.4 - 4.4 - v i o = ? 6 ma 3.98 4.32 - 3.84 - 3.7 - v v ol low-level output voltage v i =v ih or v il ; v cc =4.5v i o =20 ? a - 0 0.1 - 0.1 - 0.1 v i o = 6.0 ma - 0.16 0.26 - 0.33 - 0.4 v i i input leakage current v i =v cc or gnd; v cc =5.5v -- ? 0.1 - ? 1.0 - ? 1.0 ? a i oz off-state output current per input pin; v i =v ih or v il ; v o =v cc or gnd; other inputs at v cc or gnd; v cc =5.5v; i o =0a -- ? 0.5 - ? 5.0 - ? 10 ? a i cc supply current v i =v cc or gnd; v cc =5.5v; i o =0a - - 8.0 - 80 - 160 ? a ? i cc additional supply current per input pin; v i =v cc ? 2.1 v; other inputs at v cc or gnd; v cc = 4.5 v to 5.5 v; i o =0a - 70 252 - 315 - 343 ? a c i input capacitance -3.5 - - - - - pf table 6. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions 25 ?c ? 40 ?c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max min max table 7. dynamic characteristics gnd = 0 v; for load circuit see figure 8 . symbol parameter conditions 25 ?c ? 40 ? c to +125 ?c unit min typ max max (85 ?c) max (125 ?c) 74hc244 t pd propagation delay nan to nyn; see figure 6 [1] v cc = 2.0 v - 30 110 145 165 ns v cc = 4.5 v - 11 22 28 33 ns v cc = 5.0 v; c l =15pf - 9 - - - ns v cc = 6.0 v - 9 19 24 28 ns
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 7 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state [1] t pd is the same as t phl and t plh . [2] t en is the same as t pzh and t pzl . [3] t dis is the same as t phz and t plz . [4] t t is the same as t thl and t tlh . [5] c pd is used to determine the dynamic power dissipation (p d in ? w): p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of outputs. t en enable time noe to nyn; see figure 7 [2] v cc = 2.0 v - 36 150 190 225 ns v cc = 4.5 v - 13 30 38 45 ns v cc = 6.0 v - 10 26 33 38 ns t dis disable time noe to nyn or see figure 7 [3] v cc = 2.0 v - 39 150 190 225 ns v cc = 4.5 v - 14 30 38 45 ns v cc = 6.0 v - 11 26 33 38 ns t t transition time see figure 6 [4] v cc = 2.0 v - 14 60 75 90 ns v cc = 4.5 v - 5 12 15 18 ns v cc = 6.0 v - 4 10 13 15 ns c pd power dissipation capacitance per buffer; v i =gndtov cc [5] -35- - -pf 74hct244 t pd propagation delay nan to nyn; see figure 6 [1] v cc = 4.5 v - 13 22 28 33 ns v cc = 5.0 v; c l =15pf - 11 - - - ns t en enable time noe to nyn; v cc = 4.5 v; see figure 7 [2] -153038 45ns t dis disable time noe to nyn; v cc = 4.5 v; see figure 7 [3] -152531 38ns t t transition time v cc = 4.5 v; see figure 6 [4] - 5 12 15 18 ns c pd power dissipation capacitance per buffer; v i =gndtov cc ? 1.5 v [5] -35- - -pf table 7. dynamic characteristics ?continued gnd = 0 v; for load circuit see figure 8 . symbol parameter conditions 25 ?c ? 40 ? c to +125 ?c unit min typ max max (85 ?c) max (125 ?c)
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 8 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state 11. waveforms measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 6. input (nan) to output (nyn) propagation delays and output transition times 001aae013 t plh t phl v m v m v m v m nyn output nan input v i gnd v oh v ol t tlh t thl 90 % 10 % measurement points are given in table 8 . v ol and v oh are typical voltage output levels that occur with the output load. fig 7. 3-state enable and disable times 001aae014 t plz t phz outputs disabled outputs enabled v y v x outputs enabled nyn output low-to-off off-to-low nyn output high-to-off off-to-high noe input v i v ol v oh v cc v m gnd gnd t pzl t pzh v m v m table 8. measurement points type input output v m v m v x v y 74hc244 0.5 ? v cc 0.5 ? v cc 0.1 ? v cc 0.9 ? v cc 74hct244 1.3 v 1.3 v 0.1 ? v cc 0.9 ? v cc
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 9 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state test data is given in table 9 . definitions test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. r l = load resistance. s1 = test selection switch. fig 8. test circuit for measuring switching times v m v m t w t w 10 % 90 % 0 v v i v i negative pulse positive pulse 0 v v m v m 90 % 10 % t f t r t r t f 001aad983 dut v cc v cc v i v o r t r l s1 c l open g table 9. test data type input load s1 position v i t r , t f c l r l t phl , t plh t pzh , t phz t pzl , t plz 74hc244 v cc 6ns 15pf, 50 pf 1k ? open gnd v cc 74hct244 3 v 6 ns 15 pf, 50 pf 1 k ? open gnd v cc
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 10 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state 12. package outline fig 9. package outline sot146-1 (dip20) unit a max. 1 2 b 1 cd e e m h l references outline version european projection issue date iec jedec jeita mm inches dimensions (inch dimensions are derived from the original mm dimensions) sot146-1 99-12-27 03-02-13 a min. a max. b z max. w m e e 1 1.73 1.30 0.53 0.38 0.36 0.23 26.92 26.54 6.40 6.22 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 2 4.2 0.51 3.2 0.068 0.051 0.021 0.015 0.014 0.009 1.060 1.045 0.25 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.078 0.17 0.02 0.13 sc-603 ms-001 m h c (e ) 1 m e a l seating plane a 1 w m b 1 e d a 2 z 20 1 11 10 b e pin 1 index 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. (1) (1) (1) dip20: plastic dual in-line package; 20 leads (300 mil) sot146-1
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 11 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state fig 10. package outline sot163-1 (so20) unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p q z ywv references outline version european projection issue date iec jedec jeita mm inches 2.65 0.3 0.1 2.45 2.25 0.49 0.36 0.32 0.23 13.0 12.6 7.6 7.4 1.27 10.65 10.00 1.1 1.0 0.9 0.4 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.1 0.4 sot163-1 10 20 w m b p detail x z e 11 1 d y 0.25 075e04 ms-013 pin 1 index 0.1 0.012 0.004 0.096 0.089 0.019 0.014 0.013 0.009 0.51 0.49 0.30 0.29 0.05 1.4 0.055 0.419 0.394 0.043 0.039 0.035 0.016 0.01 0.25 0.01 0.004 0.043 0.016 0.01 0 5 10 mm scale x so20: plastic small outline package; 20 leads; body width 7.5 mm sot163-1 99-12-27 03-02-19
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 12 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state fig 11. package outline sot339-1 (ssop20) unit a 1 a 2 a 3 b p cd (1) e (1) eh e ll p q (1) zywv references outline version european projection issue date iec jedec jeita mm 0.21 0.05 1.80 1.65 0.38 0.25 0.20 0.09 7.4 7.0 5.4 5.2 0.65 7.9 7.6 0.9 0.7 0.9 0.5 8 0 o o 0.13 1.25 0.2 0.1 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.2 mm maximum per side are not included. 1.03 0.63 sot339-1 mo-150 99-12-27 03-02-19 x w m ssop20: plastic shrink small outline package; 20 leads; body width 5.3 mm sot339-1 a max. 2
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 13 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state fig 12. package outline sot360-1 (tssop20) unit a 1 a 2 a 3 b p cd (1) e (2) (1) eh e ll p qz ywv references outline version european projection issue date iec jedec jeita mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 6.6 6.4 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.5 0.2 8 0 o o 0.13 0.1 0.2 1 dimensions (mm are the original dimensions) notes 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 sot360-1 mo-153 99-12-27 03-02-19 w m b p d z e 0.25 11 0 20 11 pin 1 index tssop20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm sot360-1 a max. 1.1
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 14 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state fig 13. package outline sot764-1 (dhvqfn20) terminal 1 index area 0.5 1 a 1 e h b unit y e 0.2 c references outline version european projection issue date iec jedec jeita mm 4.6 4.4 d h 3.15 2.85 y 1 2.6 2.4 1.15 0.85 e 1 3.5 0.30 0.18 0.05 0.00 0.05 0.1 dimensions (mm are the original dimensions) sot764-1 mo-241 - - - - - - 0.5 0.3 l 0.1 v 0.05 w 0 2.5 5 mm scale sot764-1 dhvqfn20: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 20 terminals; body 2.5 x 4.5 x 0.85 mm a (1) max. a a 1 c detail x y y 1 c e l e h d h e e 1 b 29 19 12 11 10 1 20 x d e c b a terminal 1 index area ac c b v m w m e (1) note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included. d (1) 02-10-17 03-01-27
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 15 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state 13. abbreviations 14. revision history table 10. abbreviations acronym description cmos complementary metal oxide semiconductor dut device under test esd electrostatic discharge hbm human body model mm machine model ttl transistor-transistor logic table 11. revision history document id release date data sheet status change notice supersedes 74hc_hct244 v.4 20120924 product data sheet - 74hc_hct244 v.3 modifications: ? the format of this data sheet has been redesigned to comply with the new identity guidelines of nxp semiconductors. ? legal texts have been adapted to the new company name where appropriate. 74hc_hct244 v.3 20051222 product data sheet - 74hc_hct244_cnv v.2 74hc_hct244_cnv v.2 19901201 product specification - -
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 16 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state 15. legal information 15.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 15.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 15.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74hc_hct244 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 4 ? 24 september 2012 17 of 18 nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 15.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 16. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74hc244; 74hct244 octal buffer/line driver; 3-state ? nxp b.v. 2012. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 24 september 2012 document identifier: 74hc_hct244 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 17. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 1 4 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 5 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 5.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 5.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 6 functional description . . . . . . . . . . . . . . . . . . . 4 7 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 8 recommended operating conditions. . . . . . . . 4 9 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 10 dynamic characteristics . . . . . . . . . . . . . . . . . . 6 11 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 12 package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 13 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 15 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 15 15 legal information. . . . . . . . . . . . . . . . . . . . . . . 16 15.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 16 15.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 15.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 15.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 17 16 contact information. . . . . . . . . . . . . . . . . . . . . 17 17 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18


▲Up To Search▲   

 
Price & Availability of 74HC244D-652

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X